Part Number Hot Search : 
1725685 TIONA MAX1206 30N3200 11014 A1105 HCT373 STUD417S
Product Description
Full Text Search
 

To Download ROP218OHM5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 43 rop vishay sfernice document number: 52013 revision 30-aug-02 for technical questions, contact sfer@vishay.com features  2w and 4w at 25c  nf c 83-210  good overload performance  high reliability level  small size  high electrical insulation  resistance to cleaning solvents  excellent climatic performances  good mechanical strength the ? rop ? resistors combine low price with outstanding performance and are therefore suitable for both professional and general purpose applications. these power metal oxide lm resistors can favorably be used as a substitute for general purpose cemented or lacquered wirewound resistors, in medium and high ohmic values ranges. power metal oxide film resistors 25 min. 25 min. a max. b max. c a max. + 8 mm 4 4 45 chamfer max. 0.25 mm deep 1.2 0.02 dimensions in millimeters dimen- sions a 14.7 4.9 6.9 25.2 rop2 rop4 0.8 0.1 0.8 0.1 1.2 3 ? b ? c unit weight in g series vishay sfernice series cctu 04-06a nf c/ute 83-210 5% e24 critical resistance power rating 25 c resistance value range and resistance tolerance maximum voltage maximum operating temperature rcp12 2w out of nominal ohmic range 1 ? to 56k ? 350v 235 c 4w out of nominal ohmic range 4.7 ? to 100k ? 500v + 235 c rop2 rcp13 rop4 technical specifications
document number: 52013 revision 30-aug-02 www.vishay.com 44 rop vishay sfernice for technical questions, contact sfer@vishay.com ambient temperature in degrees celsius % rated power power rating chart (nf c) temperature rise 100 50 21 0 0 25 40 70 100 120 140 160 180 200 235 power metal oxide film resistors tests nf c 83-210 - cecc 40 201 climatic sequence thermal shock short time overload load life damp heat humidity (steady state) load life at max. category temperature climatic sequence 10 pn during 5 s or 40 v/mn 10 cycles (3% + 0.1 ) (3% + 0.1 ) (3% + 0.1 ) 3% or 0.05 (1% + 0.05 ) (3% + 0.1 ) 0.2% or 0.05 ? 0.2% or 0.05 ? 0.3% or 0.05 ? 1% or 0.05 ? 0.3% or 0.05 ? 3% or 0.05 ? load at pr followed by cold temp. exposure 15 min. at 55 c cycle 90 /30 1000 h at pr at 25 c 56 days with low load 200 c 21% of pn 55 c + 200 c severity 1-5 cycles conditions nf c 83-210 requirements typical values and drifts performance rated power in watt hot spot temperature in c 250 200 150 100 50 0 0 1 2 3 4 rop 2 rop 4 2 special design style series rop tolerance 5% ohmic value 18k ? ordering information method n optional packaging optional
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of ROP218OHM5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X